Part Number Hot Search : 
2MBI3 1N5295 T138A T138A 2SC23 2SJ401 FAN2013 2SJ401
Product Description
Full Text Search
 

To Download BLP25M705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description a 5 w ldmos power transistor for broadcast and industrial applications in the hf to 2500 mhz band. [1] measured at ? =10%, t p =12 ? s. 1.2 features and benefits ? easy power control ? integrated esd protection ? excellent ruggedness ? high efficiency ? excellent thermal stability ? high power gain ? designed for broadband operation (hf to 2500 mhz) ? compliant to directive 2002/ 95/ec, regarding restriction of hazardous substances (rohs) 1.3 applications ? industrial, scientific and medical applications ? broadcast transmitter applications BLP25M705 broadband ldmos driver transistor rev. 1 ? 15 august 2013 product data sheet table 1. application information test signal f i dq v ds p l g p ? d (mhz) (ma) (v) (w) (db) (%) pulsed rf [1] 2450 50 28 5 15.8 41.4
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 2 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 2. pinning information [1] connected to flange. 3. ordering information 4. limiting values table 2. pinning pin description simplified outline graphic symbol 1, 4, 5, 6, 7, 8, 9, 12 n.c. 2, 3 gate 10, 11 drain 13 source [1] 7udqvsduhqwwrsylhz        ddd table 3. ordering information type number package name description version BLP25M705 hvson12 plastic thermal enhanced very thin small outline package; no leads; 12 terminals; body 6 ? 4 ? 0.85 mm sot1179-2 table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage - 65 v v gs gate-source voltage ? 0.5 +13 v t stg storage temperature ? 65 +150 ?c t j junction temperature - 150 ?c
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 3 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 5. recommended operating conditions see application note an11198 for more details. 6. thermal characteristics [1] r th(j-c) is measured under rf conditions. 7. characteristics fig 1. recommended operating area; case temperature as a function of power dissipation ddd                3 : 7 fdvh fdvh 7 fdvh ?& ?& ?& table 5. thermal characteristics symbol parameter conditions typ unit r th(j-c) thermal resistance from junction to case t case = 80 ? c; p l =5w [1] 6.4 k/w table 6. dc characteristics t j = 25 ? c; per section unless otherwise specified. symbol parameter conditions min typ max unit v (br)dss drain-source breakdown voltage v gs =0v; i d =0.09ma65--v v gs(th) gate-source threshold voltage v ds =10 v; i d = 9 ma 1.5 1.9 2.3 v v gsq gate-source quiescent voltage v ds =28 v; i d =55ma 1.45 2.0 2.55 v i dss drain leakage current v gs =0v; v ds =28v--1.4 ? a i dsx drain cut-off current v gs =v gs(th) +3.75v; v ds =10v -1.6-a i gss gate leakage current v gs =11v; v ds = 0 v - - 140 na g fs forward transconductance v ds =10v; i d = 9 ma - 80 - ms r ds(on) drain-source on-state resistance v gs =v gs(th) +3.75 v; i d =315ma -2- ?
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 4 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 8. test information 8.1 ruggedness in class-ab operation the BLP25M705 is capable of withstandi ng a load mismatch corresponding to vswr = 10 : 1 through all phases under the following conditions: v ds =28v; i dq =55ma; p l =5w (cw). table 7. rf characteristics test signal: 1-tone pulsed; t p =50 ? s; ? = 10 %; f = 2140 mhz; rf performance at v ds =28v; i dq =55 ma; t case =25 ? c; unless otherwise specified, in a production circuit. symbol parameter conditions min typ max unit g p power gain p l(av) =1w 1516- db ? d drain efficiency p l(av) =1w 2023- % p l(1db) output power at 1 db gain compression 5.5 - - w rl in input return loss p l(av) =1w - ? 16 ? 12 db
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 5 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 9. package outline fig 2. package outline sot1179-2 (hvson12) 5hihuhqfhv 2xwolqh yhuvlrq (xurshdq surmhfwlrq ,vvxhgdwh ,(& -('(& -(,7$ 627  02  vrwbsr   8qlw pp pd[ qrp plq                    $ 'lphqvlrqv ppduhwkhruljlqdoglphqvlrqv 1rwh 3odvwlfruphwdosurwuxvlrqvripppd[lpxpshuvlghduhqrwlqfoxghg +9621sodvwlfwkhupdohqkdqfhgyhu\wklqvpdoorxwolqhsdfndjhqrohdgv whuplqdoverg\[[pp 627 $  e    f'  ' k (  ( k    hh  /    .  yz  \  \     pp vfdoh & \ & \  ; % $ whuplqdo lqgh[duhd ' ( ghwdlo; $ $  f ' k ( k / e . h  h h $ &% y & z whuplqdo lqgh[duhd    
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 6 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 10. handling information 11. abbreviations 12. revision history caution this device is sensitive to electrostatic di scharge (esd). observe precautions for handling electrostatic sensitive devices. such precautions are described in the ansi/esd s20.20 , iec/st 61340-5 , jesd625-a or equivalent standards. table 8. abbreviations acronym description cw continuous wave esd electrostatic discharge hf high frequency ldmos laterally diffused metal-oxide semiconductor vswr voltage standing-wave ratio table 9. revision history document id release date data sheet status change notice supersedes BLP25M705 v.1 20130815 product data sheet - -
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 7 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 13.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
BLP25M705 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 15 august 2013 8 of 9 nxp semiconductors BLP25M705 broadband ldmos driver transistor export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BLP25M705 broadband ldmos driver transistor ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 15 august 2013 document identifier: BLP25M705 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 recommended operating conditions. . . . . . . . 3 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 4 8.1 ruggedness in class-ab operation . . . . . . . . . 4 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 5 10 handling information. . . . . . . . . . . . . . . . . . . . . 6 11 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 legal information. . . . . . . . . . . . . . . . . . . . . . . . 7 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 7 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 14 contact information. . . . . . . . . . . . . . . . . . . . . . 8 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


▲Up To Search▲   

 
Price & Availability of BLP25M705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X